Part Number Hot Search : 
XC2V2000 30TPS08 SB105 00390 RF160 MP2463 10F40C3 D101R
Product Description
Full Text Search
 

To Download CL03C180JA3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specificatio n (reference sheet) ? supplier : samsung electro-mechanics ? samsung p/n : CL03C180JA3annc ? product : multi-layer ceramic capacitor ? description : cap, 18 ? , 25v, 5%, c0g, 0201 cl 03 c 180 j a 3 a n n c ? ?? ? series samsung multi-layer ceramic capacitor size 0201 (inch code) l: 0.6 0.03 mm w: 0.03 mm dielectric c0g inner electrode capacitance 18 ? termination capacitance 5 % plating (pb free) tolerance product normal rated voltage 25 v special reserved for future use thickness 0.3 0.03 mm ? packaging cardboard type, 7" reel a. samsung part number sn 100% ag pd 0.3 b. samsung reliability test and judgeme nt condition capacitance within specified tolerance 1 ? 10% 0.5~5vrms q 760 min insulation 10,000mohm or 500mohm ? ? rated voltage 60~120 sec. resistance whichever is smaller appearance no abnormal exterior appearance microscope ( ? 10) withstanding no dielectric breakdown or of the rated voltage voltage mechanical breakdown temperature c0g characteristics (from -55 to 125 , capacitance change should be within 30ppm/ ) adhesive strength no peeling shall be occur on the 200g ? f, for 101 sec. of termination terminal electrode bending strength capacitance change : bending to the limit (1mm) within 5% or 0.5 ? whichever is larger with 1.0mm/sec. solderability more than 75% of terminal surface snag3.0cu0.5 solder is to be soldered newly 2455 , 30.3sec. (preheating : 80~120 for 10~30sec.) resistance to capacitance change : solder pot : 2705 , 101sec. soldering heat within 2.5% or 0.25 ? whichever is larger tan , ir : initial spec. performance test condition 300%
vibration test capacitance change : amplitude : 1.5mm within 2.5% or 0.25 ? whichever is large r from 10 ? to 55 ? (return : 1min.) tan , ir : initial spec. 2hours ? 3 direction (x, y, z) moisture capacitance change : with rated voltage resistance within 7.5% or 0.75 ? whichever is large r 402 , 90~95%rh, 500+12/-0hrs q : 160 min ir : 500mohm or 25mohm ? ? whichever is smaller high temperature capacitance change : wit h of the rated voltage resistance within 3% or 0.3 ? whichever is larger max. operating temperature q : 320 min 1000+48/-0hrs ir : 1000mohm or 50mohm ? ? whichever is smaller temperature capacitance change : 1 cycle condition cycling within 2.5% or 0.25 ? whichever is large r min. operating temperature 25 tan , ir : initial spec. max. operating temperature 25 5 cycle test c. recommended soldering method : reflow ( reflow peak temperature : 260+0/-5 , 10sec. max ) product specifications included in the specifications are effective as of march 1 2013 performance test condition 200% product specifications included in the specifications are effective as of march 1 , 2013 . please be advised that they are standard product specifications for reference only. we may change, modify or discontinue the product specifications without notice at any time. so, you need to approve the product specifications before placing an order. should you have any question regarding the product specifications, please contact our sales personnel or application engineers.


▲Up To Search▲   

 
Price & Availability of CL03C180JA3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X